PART |
Description |
Maker |
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
WR3266W |
ROTARY POTENTIOMETER
|
Productwell Precision Elect.CO.,LTD
|
R16A11VB1 |
ROTARY POTENTIOMETER
|
Productwell Precision Elect.CO.,LTD
|
R15811V01 |
ROTARY POTENTIOMETER
|
Productwell Precision Elect.CO.,LTD
|
R16311AP2-14 |
ROTARY POTENTIOMETER
|
Productwell Precision E...
|
R12A11V01 |
ROTARY POTENTIOMETER
|
Productwell Precision Elect.CO.,LTD
|
R16312 |
ROTARY POTENTIOMETER
|
Productwell Precision Elect.CO.,LTD
|
R16A11H01 |
ROTARY POTENTIOMETER
|
Productwell Precision Elect.CO.,LTD
|
R45111AOT |
ROTARY POTENTIOMETER
|
Productwell Precision Elect.CO.,LTD
|
R12911A0114 |
ROTARY POTENTIOMETER
|
Productwell Precision Elect.CO.,LTD
|
|